| データシートサーチシステム |
|
STM8S103F3 データシート(PDF) 25 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F3 データシート(HTML) 25 Page - STMicroelectronics |
|
25 / 117 page ![]() STM8S103Fx UFQFPN20 pinout 5.2.2 Figure 6: STM8S103Fx UFQFPN20-pin pinout 2 1 3 4 5 6 7 8 9 11 12 13 14 15 16 17 18 19 VCAP VSS OSCOUT/PA2 OSCIN/PA1 NRST PC4 (HS)/TIM1_CH4/CLK_CCO/AIN2 [TIM1_CH2N] PC5 (HS)/SPI_SCK [TIM2_CH1] PC6 (HS)/SPI_MOSI [TIM1_CH1] PC7 (HS)/SPI_MISO [TIM1_CH2] PD1(HS)/SWIM 10 20 1. HS high sink capability. 2. (T) True open drain (P-buffer and protection diode to VDD not implemented). 3. [ ] alternate function remapping option (if the same alternate function is shown twice, it indicates an exclusive choice not a duplication of the function). STM8S103Fx TSSOP20/SO20/UFQFPN20 pin description 5.2.3 Table 6: STM8S103Fx pin description Alternate function after remap [option bit] Default alternate function Main function (after reset) Output Input Type Pin name Pin no. PP OD Speed High sink (1) Ext. interr. wpu floating UFQFPN20 TSSOP/SO20 Timer 2 - channel Port D4 X X O3 HS X X X I/O PD4/ BEEP/ TIM2_ CH1/ UART1 _CK 18 1 1/BEEP output/ UART1 clock Analog input 5/ UART1 data transmit Port D5 X X O3 HS X X X I/O PD5/ AIN5/ UART1 _TX 19 2 25/117 DocID15441 Rev 9 Pinout and pin description STM8S103K3 STM8S103F3 STM8S103F2 |