| データシートサーチシステム |
|
STM32F103CB データシート(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F103CB データシート(HTML) 39 Page - STMicroelectronics |
|
39 / 105 page ![]() DocID13587 Rev 16 39/105 STM32F103x8, STM32F103xB Electrical characteristics 104 5.3.2 Operating conditions at power-up / power-down Subject to general operating conditions for TA. Table 10. Operating conditions at power-up / power-down VIN I/O input voltage Standard IO –0.3 VDD+ 0.3 V FT IO(3) 2 V < VDD 3.6 V –0.3 5.5 VDD = 2 V –0.3 5.2 BOOT0 0 5.5 PD Power dissipation at TA = 85 °C for suffix 6 or TA = 105 °C for suffix 7(4) LFBGA100 454 mW LQFP100 434 UFBGA100 339 TFBGA64 308 LQFP64 444 LQFP48 363 UFQFPN48 624 VFQFPN36 1000 TA Ambient temperature for 6 suffix version Maximum power dissipation –40 85 °C Low power dissipation(5) –40 105 Ambient temperature for 7 suffix version Maximum power dissipation –40 105 Low power dissipation(5) –40 125 TJ Junction temperature range 6 suffix version –40 105 7 suffix version –40 125 1. When the ADC is used, refer to Table 46: ADC characteristics. 2. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and VDDA can be tolerated during power-up and operation. 3. To sustain a voltage higher than VDD+0.3 V, the internal pull-up/pull-down resistors must be disabled. 4. If TA is lower, higher PD values are allowed as long as TJ does not exceed TJmax (see Table 6.2: Thermal characteristics on page 93). 5. In low power dissipation state, TA can be extended to this range as long as TJ does not exceed TJmax (see Table 6.2: Thermal characteristics on page 93). Table 9. General operating conditions (continued) Symbol Parameter Conditions Min Max Unit Symbol Parameter Conditions Min Max Unit tVDD VDD rise time rate 0 µs/V VDD fall time rate 20 |