データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F205VGT6 データシート(PDF) 61 Page - STMicroelectronics

部品番号 STM32F205VGT6
部品情報  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  163 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F205VGT6 データシート(HTML) 61 Page - STMicroelectronics

Back Button STM32F205VGT6 Datasheet HTML 57Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 58Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 59Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 60Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 61Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 62Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 63Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 64Page - STMicroelectronics STM32F205VGT6 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 163 page
background image
STM32F205xx, STM32F207xx
Electrical characteristics
Doc ID 15818 Rev 7
61/163
5.3.3
Operating conditions at power-up / power-down (regulator ON)
Subject to general operating conditions for TA.
Table 12.
Operating conditions at power-up / power-down (regulator ON)
5.3.4
Operating conditions at power-up / power-down (regulator OFF)
Subject to general operating conditions for TA.
Table 13.
Operating conditions at power-up / power-down (regulator OFF)
Symbol
Parameter
Min
Max
Unit
tVDD
VDD rise time rate
20
∞
µs/V
VDD fall time rate
20
∞
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
Power-up
20
∞
µs/V
VDD fall time rate
Power-down
20
∞
tVCAP
VCAP_1 and VCAP_2 rise
time rate
Power-up
20
∞
VCAP_1 and VCAP_2 fall
time rate
Power-down
20
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More