| データシートサーチシステム |
|
STM8S103F2M3TR データシート(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM8S103F2M3TR データシート(HTML) 9 Page - STMicroelectronics |
|
9 / 113 page ![]() Description 2 The STM8S103x access line 8-bit microcontrollers offer 8 Kbytes Flash program memory, plus integrated true data EEPROM. The STM8S microcontroller family reference manual (RM0016) refers to devices in this family as low-density. They provide the following benefits: • Reduced system cost - Integrated true data EEPROM for up to 300 k write/erase cycles - High system integration level with internal clock oscillators, watchdog and brown-out reset. • Performance and robustness - 16 MHz CPU clock frequency - Robust I/O, independent watchdogs with separate clock source - Clock security system • Full documentation and a wide choice of development tools • Advanced core and peripherals made in a state-of-the art technology Table 1: STM8S103xx access line features STM8S103F2 STM8S103F3 STM8S103K3 Device 20 20 32 Pin count 16 16 28 Maximum number of GPIOs (I/Os) 16 16 27 Ext. interrupt pins 7 7 7 Timer CAPCOM channels 2 2 3 Timer complementary outputs 5 5 4 A/D converter channels 12 12 21 High sink I/Os 4K 8K 8K Low density Flash program memory (bytes) 640 (1) 640 (1) 640 (1) Data EEPROM (bytes) 1K 1K 1K RAM (bytes) Multipurpose timer (TIM1), SPI, I 2C, UART window WDG,independent WDG, ADC, PWM timer (TIM2), 8-bit timer (TIM4) Peripheral set (1) No read-while-write (RWW) capability 9/113 DocID15441 Rev 6 Description STM8S103K3 STM8S103F3 STM8S103F2 |