| データシートサーチシステム |
|
STM32F107VC データシート(PDF) 91 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F107VC データシート(HTML) 91 Page - STMicroelectronics |
|
91 / 103 page ![]() STM32F105xx, STM32F107xx Application block diagrams Doc ID 15274 Rev 6 91/104 Figure 47. Host connection 1. STMPS2141STR needed only if the application has to support bus-powered devices. USB OTG Full-speed core STM32F105xx/STM32F107xx USB full-speed/ low-speed transceiver DP DM VBUS VSS HNP HNP SRP SRP ID ID OTG PHY ai15654b GPIO GPIO + IRQ EN OVRCR flag Current-limited power distribution switch STMPS2141STR (1) VDD (2) 5 V |