データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F373C8 データシート(PDF) 41 Page - STMicroelectronics

部品番号 STM32F373C8
部品情報  ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F373C8 データシート(HTML) 41 Page - STMicroelectronics

Back Button STM32F373C8 Datasheet HTML 37Page - STMicroelectronics STM32F373C8 Datasheet HTML 38Page - STMicroelectronics STM32F373C8 Datasheet HTML 39Page - STMicroelectronics STM32F373C8 Datasheet HTML 40Page - STMicroelectronics STM32F373C8 Datasheet HTML 41Page - STMicroelectronics STM32F373C8 Datasheet HTML 42Page - STMicroelectronics STM32F373C8 Datasheet HTML 43Page - STMicroelectronics STM32F373C8 Datasheet HTML 44Page - STMicroelectronics STM32F373C8 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 131 page
background image
Table 12. Alternate functions for port PA
Pin
Name
AF0
AF1
AF2
AF3
AF4
AF5
AF6
AF7
AF8
AF9
AF10
AF11
AF14
AF15
PA0
TIM2_
CH1_
ETR
TIM5_
CH1_
ETR
TSC_
G1_IO1
USART2_CTS
COMP1
_OUT
TIM19
_CH1
EVENT
OUT
PA1
RTC_
REFIN
TIM2_
CH2
TIM5_
CH2
TSC_
G1_IO2
SPI3_SCK/
I2S3_CK
USART2_RTS
TIM15_
CH1N
TIM19
_CH2
EVENT
OUT
PA2
TIM2_
CH3
TIM5_
CH3
TSC_
G1_IO3
SPI3_MISO/
I2S3_MCK
USART2_TX
COMP2
_OUT
TIM15_
CH1
TIM19
_CH3
EVENT
OUT
PA3
TIM2_
CH4
TIM5_
CH4
TSC_
G1_IO4
SPI3_MOSI
/I2S3_SD
USART2_RX
TIM15_
CH2
TIM19
_CH4
EVENT
OUT
PA4
TIM3_
CH2
TSC_
G2_IO1
SPI1_NSS/
I2S1_WS
SPI3_NSS/
I2S3_WS
USART2_CK
TIM12
_CH1
EVENT
OUT
PA5
TIM2_
CH1_
ETR
TSC_
G2_IO2
SPI1_SCK/
I2S1_CK
CEC
TIM14_
CH1
TIM12
_CH2
EVENT
OUT
PA6
TIM16_
CH1
TIM3_
CH1
TSC_
G2_IO3
SPI1_MISO
/I2S1_MCK
COMP1
_OUT
TIM13_
CH1
EVENT
OUT
PA7
TIM17_
CH1
TIM3_
CH2
TSC_
G2_IO4
SPI1_MOSI
/I2S1_SD
COMP2
_OUT
TIM14_
CH1
EVENT
OUT
PA8
MCO
TIM5_
CH1_
ETR
I2C2_
SMBA
SPI2_SCK/
I2S2_CK
USART1_CK
TIM4_
ETR
EVENT
OUT
PA9
TIM13
_CH1
TSC_
G4_IO1
I2C2_
SCL
SPI2_MISO
/I2S2_MCK
USART1_TX
TIM15_
BKIN
TIM2_
CH3
EVENT
OUT
PA10
TIM17_
BKIN
TSC_
G4_IO2
I2C2_
SDA
SPI2_MOSI
/I2S2_SD
USART1_RX
TIM14_
CH1
TIM2_
CH4
EVENT
OUT
PA11
TIM5_
CH2
SPI2_NSS/
I2S2_WS
SPI1_NSS/
I2S1_WS
USART1_CTS
COMP1
_OUT
CAN_
RX
TIM4_
CH1
USB_
DM
EVENT
OUT
PA12
TIM16_
CH1
TIM5_
CH3
SPI1_SCK/
I2S1_CK
USART1_RTS
COMP2
_OUT
CAN_TX
TIM4_
CH2
USB_
DP
EVENT
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More