データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STM32F215RE データシート(PDF) 47 Page - STMicroelectronics

部品番号 STM32F215RE
部品情報  ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F215RE データシート(HTML) 47 Page - STMicroelectronics

Back Button STM32F215RE Datasheet HTML 43Page - STMicroelectronics STM32F215RE Datasheet HTML 44Page - STMicroelectronics STM32F215RE Datasheet HTML 45Page - STMicroelectronics STM32F215RE Datasheet HTML 46Page - STMicroelectronics STM32F215RE Datasheet HTML 47Page - STMicroelectronics STM32F215RE Datasheet HTML 48Page - STMicroelectronics STM32F215RE Datasheet HTML 49Page - STMicroelectronics STM32F215RE Datasheet HTML 50Page - STMicroelectronics STM32F215RE Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 175 page
background image
DocID17050 Rev 9
47/175
STM32F21xxx
Pinouts and pin description
174
-
39 59 69
P8
PE8
I/O FT
FSMC_D5, TIM1_CH1N,
EVENTOUT
-
40 60 70
P9
PE9
I/O FT
FSMC_D6, TIM1_CH1,
EVENTOUT
-
-
61 71
M9
VSS
S
-
-
62 72
N9
VDD
S
-
41 63 73
R9
PE10
I/O FT
FSMC_D7, TIM1_CH2N,
EVENTOUT
-
42 64 74 P10
PE11
I/O FT
FSMC_D8,TIM1_CH2,
EVENTOUT
-
43 65 75 R10
PE12
I/O FT
FSMC_D9,TIM1_CH3N,
EVENTOUT
-
44 66 76 N11
PE13
I/O FT
FSMC_D10,TIM1_CH3,
EVENTOUT
-
45 67 77 P11
PE14
I/O FT
FSMC_D11,TIM1_CH4,
EVENTOUT
-
46 68 78 R11
PE15
I/O FT
FSMC_D12,TIM1_BKIN,
EVENTOUT
29
47 69 79 R12
PB10
I/O FT
SPI2_SCK, I2S2_SCK,
I2C2_SCL, USART3_TX,
OTG_HS_ULPI_D3,
ETH_MII_RX_ER, TIM2_CH3,
EVENTOUT
30
48 70 80 R13
PB11
I/O FT
I2C2_SDA,USART3_RX,
OTG_HS_ULPI_D4,
ETH_RMII_TX_EN,
ETH_MII_TX_EN, TIM2_CH4,
EVENTOUT
31
49 71 81 M10
VCAP_1
S
32
50 72 82 N10
VDD
S
-
-
-
83 M11
PH6
I/O FT
I2C2_SMBA, TIM12_CH1,
ETH_MII_RXD2, EVENTOUT
-
-
-
84 N12
PH7
I/O FT
I2C3_SCL, ETH_MII_RXD3,
EVENTOUT
Table 7. STM32F21x pin and ball definitions (continued)
Pins
Pin name
(function after
reset)(1)
Alternate functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More