| データシートサーチシステム |
|
STM32F373CB データシート(PDF) 48 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F373CB データシート(HTML) 48 Page - STMicroelectronics |
|
48 / 131 page ![]() Memory mapping STM32F37xxx 48/131 DocID022691 Rev 4 5 Memory mapping Figure 6. STM32F373x memory map 0xFFFF FFFF 0xE000 0000 0xC000 0000 0xA000 0000 0x8000 0000 0x6000 0000 0x4000 0000 0x2000 0000 0x0000 0000 0 1 2 3 4 5 6 7 Cortex-M4 internal peripherals Peripherals SRAM CODE Option bytes System memory Flash memory Flash, system memory or SRAM, depending on BOOT configuration AHB2 AHB1 APB2 APB1 0x4800 17FF 0x4800 0000 0x4002 43FF 0x4002 0000 0x4001 6C00 0x4001 0000 0x4000 A000 0x4000 0000 0x1FFF FFFF 0x1FFF F800 0x1FFF D800 0x0804 0000 0x0800 0000 0x0004 0000 0x0000 0000 Reserved MSv32159V1 Reserved Reserved Reserved Reserved Reserved |