| データシートサーチシステム |
|
STM32F217VG データシート(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F217VG データシート(HTML) 43 Page - STMicroelectronics |
|
43 / 175 page ![]() DocID17050 Rev 9 43/175 STM32F21xxx Pinouts and pin description 174 Table 7. STM32F21x pin and ball definitions Pins Pin name (function after reset)(1) Alternate functions Additional functions - 1 1 1 A2 PE2 I/O FT TRACECLK, FSMC_A23, ETH_MII_TXD3, EVENTOUT - 2 2 2 A1 PE3 I/O FT TRACED0, FSMC_A19, EVENTOUT - 3 3 3 B1 PE4 I/O FT TRACED1, FSMC_A20, DCMI_D4/ EVENTOUT - 4 4 4 B2 PE5 I/O FT TRACED2, FSMC_A21, TIM9_CH1, DCMI_D6, EVENTOUT - 5 5 5 B3 PE6 I/O FT TRACED3, FSMC_A22, TIM9_CH2, DCMI_D7, EVENTOUT 16 6 6 C1 VBAT S - - - 7 D2 PI8 I/O FT (2)(3) EVENTOUT RTC_AF2 2 7 7 8 D1 PC13 I/O FT (2)(3) EVENTOUT RTC_AF1 38 8 9 E1 PC14/OSC32_IN (PC14) I/O FT (2)(3) EVENTOUT OSC32_IN(4) 49 9 10 F1 PC15/ OSC32_OUT (PC15) I/O FT (2)(3) EVENTOUT OSC32_OUT(4) - - - 11 D3 PI9 I/O FT CAN1_RX, EVENTOUT - - - 12 E3 PI10 I/O FT ETH_MII_RX_ER, EVENTOUT - - - 13 E4 PI11 I/O FT OTG_HS_ULPI_DIR, EVENTOUT -- - 14 F2 VSS S -- - 15 F3 VDD S - - 10 16 E2 PF0 I/O FT FSMC_A0, I2C2_SDA, EVENTOUT - - 11 17 H3 PF1 I/O FT FSMC_A1, I2C2_SCL, EVENTOUT - - 12 18 H2 PF2 I/O FT FSMC_A2, I2C2_SMBA, EVENTOUT - - 13 19 J2 PF3 I/O FT (4) FSMC_A3, EVENTOUT ADC3_IN9 |