| データシートサーチシステム |
|
STM32F415VG データシート(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F415VG データシート(HTML) 45 Page - STMicroelectronics |
|
45 / 186 page ![]() DocID022063 Rev 4 45/186 STM32F415xx, STM32F417xx Pinouts and pin description Figure 17. STM32F41x WLCSP90 ballout 1. This figure shows the package bump view. A VBAT PC13 PDR_ON PB4 PD7 PD4 PC12 B PC15 VDD PB7 PB3 PD6 PD2 PA15 C PA0 VSS PC11 PI0 PB6 PD5 PD1 D PC2 PB8 PA13 E PC3 VSS F PH1 PA1 G NRST H VSSA J PA2 PA4 PA7 PB2 PE11 PB11 PB12 MS30402V1 1 PA14 PI1 PA12 PA10 PA9 PC0 PC9 PC8 PH0 PB13 PC6 PD14 PD12 PE8 PE12 BYPASS_ REG PD9 PD8 PE9 PB14 2 3 4 5 6 7 8 9 10 VDD PC14 VCAP_2 PA11 PB5 PD0 PC10 PA8 VSS VDD VSS VDD PC7 VDD PE10 PE14 VCAP_1 PD15 PE13 PE15 PD10 PD11 PA3 PA6 PB1 PB10 PB15 PB9 BOOT0 VDDA PB0 PE7 PA5 Table 6. Legend/abbreviations used in the pinout table Name Abbreviation Definition Pin name Unless otherwise specified in brackets below the pin name, the pin function during and after reset is the same as the actual pin name Pin type S Supply pin I Input only pin I/O Input / output pin I/O structure FT 5 V tolerant I/O TTa 3.3 V tolerant I/O directly connected to ADC B Dedicated BOOT0 pin RST Bidirectional reset pin with embedded weak pull-up resistor Notes Unless otherwise specified by a note, all I/Os are set as floating inputs during and after reset Alternate functions Functions selected through GPIOx_AFR registers Additional functions Functions directly selected/enabled through peripheral registers |