| データシートサーチシステム |
|
STP16CPC26 データシート(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STP16CPC26 データシート(HTML) 12 Page - STMicroelectronics |
|
12 / 26 page ![]() Timing diagrams STP16CPC26 12/26 Doc ID 18469 Rev 4 8 Timing diagrams The timing diagram shown in Figure 11 and the truth table in Table 7 explain how to send data to the device. This can be summarized in the following points: ● LE and OE are level sensitive and not synchronized with the CLK signal ● When LE is at low level, the latch circuit holds previous data ● If LE is high level, data present in the shift register are latched ● When OE is at low level, the status of the outputs OUT0 to OUT15 depends on the data in the latch circuits ● With OE at high level, all outputs are switched off independently on the data stored in the latch circuits ● Every rising edge of the CLK signal, a new data on SDI pin is sampled. This data is loaded into the shift register, whereas a bit is shifted out from SDO. Figure 11. Timing diagram |