| データシートサーチシステム |
|
SDR1030-4R7M データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SDR1030-4R7M データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 2 page ![]() Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. REV. 05/11 SDR1030 Series - SMD Power Inductors 26 (1.02) 30.4 (1.20) 2.0 ± 0.5 (.079 ± .020) 50.0 (1.969) 330 (12.99) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 13.0 ± 0.5 (.512 ± .020) DIA. 21.0 ± 0.8 (.827 ± .031) EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. Packaging Specifications USER DIRECTION OF FEED 160 (6.299) NO COMPONENT NO COMPONENT COMPONENTS 390 (15.354) START 4 (.157) 16.0 (.63) 5.3 (.209) 24 (.945) END 330 330 330 QTY: 1000 PCS. PER REEL DIMENSIONS: MM (INCHES) |