| データシートサーチシステム |
|
AM29LV641DH121RPCE データシート(PDF) 32 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM29LV641DH121RPCE データシート(HTML) 32 Page - Advanced Micro Devices |
|
32 / 57 page ![]() September 20, 2002 Am29LV640D/Am29LV641D 31 RY/BY#: Ready/Busy# The RY/BY# is a dedicated, open-drain output pin which indicates whether an Embedded Algorithm is in progress or complete. The RY/BY# status is valid after the rising edge of the final WE# pulse in the command sequence. Since RY/BY# is an open-drain output, sev- eral RY/BY# pins can be tied together in parallel with a pull-up resistor to V CC. If the output is low (Busy), the device is actively eras- ing or programming. (This includes programming in the Erase Suspend mode.) If the output is high (Ready), the device is in the read mode, the standby mode, or the device is in the erase-suspend-read mode. Table 11 shows the outputs for RY/BY#. DQ6: Toggle Bit I Toggle Bit I on DQ6 indicates whether an Embedded Program or Erase algorithm is in progress or com- plete, or whether the device has entered the Erase Suspend mode. Toggle Bit I may be read at any ad- dress, and is valid after the rising edge of the final WE# pulse in the command sequence (prior to the program or erase operation), and during the sector erase time-out. During an Embedded Program or Erase algorithm op- eration, successive read cycles to any address cause DQ6 to toggle. The system may use either OE# or CE# to control the read cycles. When the operation is complete, DQ6 stops toggling. After an erase command sequence is written, if all sectors selected for erasing are protected, DQ6 toggles for approxi- mately 100 µs, then returns to reading array data. If not all selected sectors are protected, the Embedded Erase algo- rithm erases the unprotected sectors, and ignores the se- lected sectors that are protected. The system can use DQ6 and DQ2 together to determine whether a sector is actively erasing or is erase-suspended. When the device is actively erasing (that is, the Embedded Erase algorithm is in progress), DQ6 toggles. When the de- vice enters the Erase Suspend mode, DQ6 stops toggling. However, the system must also use DQ2 to determine which sectors are erasing or erase-suspended. Alterna- tively, the system can use DQ7 (see the subsection on DQ7: Data# Polling). If a program address falls within a protected sector, DQ6 toggles for approximately 1 µs after the program command sequence is written, then returns to reading array data. DQ6 also toggles during the erase-suspend-program mode, and stops toggling once the Embedded Pro- gram algorithm is complete. Table 11 shows the outputs for Toggle Bit I on DQ6. Figure 6 shows the toggle bit algorithm. Figure 19 in the “AC Characteristics” section shows the toggle bit timing diagrams. Figure 20 shows the differences be- tween DQ2 and DQ6 in graphical form. See also the subsection on DQ2: Toggle Bit II. Figure 6. Toggle Bit Algorithm START No Yes Yes DQ5 = 1? No Yes Toggle Bit = Toggle? No Program/Erase Operation Not Complete, Write Reset Command Program/Erase Operation Complete Read DQ7–DQ0 Toggle Bit = Toggle? Read DQ7–DQ0 Twice Read DQ7–DQ0 Note: The system should recheck the toggle bit even if DQ5 = “1” because the toggle bit may stop toggling as DQ5 changes to “1.” See the subsections on DQ6 and DQ2 for more information. |