データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TLV1117-33CDCY データシート(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
部品番号 TLV1117-33CDCY
部品情報  ADJUSTABLE AND FIXED LOW-DROPOUT VOLTAGE REGULATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TLV1117-33CDCY データシート(HTML) 21 Page - Texas Instruments

Back Button TLV1117-33CDCY Datasheet HTML 17Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 18Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 19Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 20Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 21Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 22Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 23Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 24Page - Texas Instruments TLV1117-33CDCY Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TLV1117-33IDCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV1117-33IDRJR
SON
DRJ
8
1000
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TLV1117-33IKVURG3
TO-252
KVU
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
TLV1117-50CDCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV1117-50CDRJR
SON
DRJ
8
1000
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TLV1117-50CKVURG3
TO-252
KVU
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
TLV1117-50IDCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV1117-50IDRJR
SON
DRJ
8
1000
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TLV1117-50IKVURG3
TO-252
KVU
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
TLV1117CDCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV1117CDRJR
SON
DRJ
8
1000
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TLV1117CKTTR
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.6
15.8
4.9
16.0
24.0
Q2
TLV1117CKVURG3
TO-252
KVU
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
TLV1117IDCYR
SOT-223
DCY
4
2500
330.0
12.4
7.05
7.4
1.9
8.0
12.0
Q3
TLV1117IDRJR
SON
DRJ
8
1000
180.0
12.4
4.25
4.25
1.15
8.0
12.0
Q2
TLV1117IKTTR
DDPAK/
TO-263
KTT
3
500
330.0
24.4
10.6
15.8
4.9
16.0
24.0
Q2
TLV1117IKVURG3
TO-252
KVU
3
2500
330.0
16.4
6.9
10.5
2.7
8.0
16.0
Q2
PACKAGE MATERIALS INFORMATION
www.ti.com
12-Aug-2013
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36