データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TMS320C6745DPTP4 データシート(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
部品番号 TMS320C6745DPTP4
部品情報  TMS320C6745,TMS320C6747 Fixed/Floating-Point Digital Signal Processor
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6745DPTP4 データシート(HTML) 93 Page - Texas Instruments

Back Button TMS320C6745DPTP4 Datasheet HTML 89Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 90Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 91Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 92Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 93Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 94Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 95Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 96Page - Texas Instruments TMS320C6745DPTP4 Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 227 page
background image
TMS320C6745, TMS320C6747
www.ti.com
SPRS377E – SEPTEMBER 2008 – REVISED FEBRUARY 2013
5.11.6 EMIFA Electrical Data/Timing
Table 5-20 through Table 5-23 assume testing over recommended operating conditions.
Table 5-20. EMIFA SDRAM Interface Timing Requirements
No.
PARAMETER
MIN
MAX
UNIT
19
tsu(DV-CLKH)
Input setup time, read data valid on EMA_D[15:0] before EMA_CLK rising
1.3
ns
20
th(CLKH-DIV)
Input hold time, read data valid on EMA_D[15:0] after EMA_CLK rising
1.5
ns
Table 5-21. EMIFA SDRAM Interface Switching Characteristics
No.
PARAMETER
MIN
MAX
UNIT
1
tc(CLK)
Cycle time, EMIF clock EMA_CLK
10
ns
2
tw(CLK)
Pulse width, EMIF clock EMA_CLK high or low
3
ns
3
td(CLKH-CSV)
Delay time, EMA_CLK rising to EMA_CS[0] valid
7
ns
4
toh(CLKH-CSIV)
Output hold time, EMA_CLK rising to EMA_CS[0] invalid
1
ns
5
td(CLKH-DQMV)
Delay time, EMA_CLK rising to EMA_WE_DQM[1:0] valid
7
ns
6
toh(CLKH-DQMIV)
Output hold time, EMA_CLK rising to EMA_WE_DQM[1:0] invalid
1
ns
7
td(CLKH-AV)
Delay time, EMA_CLK rising to EMA_A[12:0] and EMA_BA[1:0] valid
7
ns
Output hold time, EMA_CLK rising to EMA_A[12:0] and EMA_BA[1:0]
8
toh(CLKH-AIV)
1
ns
invalid
9
td(CLKH-DV)
Delay time, EMA_CLK rising to EMA_D[15:0] valid
7
ns
10
toh(CLKH-DIV)
Output hold time, EMA_CLK rising to EMA_D[15:0] invalid
1
ns
11
td(CLKH-RASV)
Delay time, EMA_CLK rising to EMA_RAS valid
7
ns
12
toh(CLKH-RASIV)
Output hold time, EMA_CLK rising to EMA_RAS invalid
1
ns
13
td(CLKH-CASV)
Delay time, EMA_CLK rising to EMA_CAS valid
7
ns
14
toh(CLKH-CASIV)
Output hold time, EMA_CLK rising to EMA_CAS invalid
1
ns
15
td(CLKH-WEV)
Delay time, EMA_CLK rising to EMA_WE valid
7
ns
16
toh(CLKH-WEIV)
Output hold time, EMA_CLK rising to EMA_WE invalid
1
ns
17
tdis(CLKH-DHZ)
Delay time, EMA_CLK rising to EMA_D[15:0] 3-stated
7
ns
18
tena(CLKH-DLZ)
Output hold time, EMA_CLK rising to EMA_D[15:0] driving
1
ns
Copyright © 2008–2013, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
93
Submit Documentation Feedback
Product Folder Links: TMS320C6745 TMS320C6747



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com