データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPIC44L01 データシート(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPIC44L01
部品情報  4-CHAMMEL SERIAL AND PARALLEL LOW-SIDE PRE-FET DRIVER
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPIC44L01 データシート(HTML) 18 Page - Texas Instruments

Back Button TPIC44L01 Datasheet HTML 14Page - Texas Instruments TPIC44L01 Datasheet HTML 15Page - Texas Instruments TPIC44L01 Datasheet HTML 16Page - Texas Instruments TPIC44L01 Datasheet HTML 17Page - Texas Instruments TPIC44L01 Datasheet HTML 18Page - Texas Instruments TPIC44L01 Datasheet HTML 19Page - Texas Instruments TPIC44L01 Datasheet HTML 20Page - Texas Instruments TPIC44L01 Datasheet HTML 21Page - Texas Instruments TPIC44L01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
TPIC44L01, TPIC44L02, TPIC44L03
4CHANNEL SERIAL AND PARALLEL LOW SIDE PREFET DRIVER
SLIS062B – NOVEMBER 1996 – REVISED AUGUST 2001
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
external fault reference input
The TPIC44L01, TPIC44L02, and TPIC44L03 compare each channel drain voltage to a fault reference to detect
shorted-load and open-load conditions. The user has the option of using the internally generated 1.25-V fault
reference or providing an external reference voltage through VCOMP. The internal reference is selected by
connecting VCOMPEN to GND and VCOMP is selected by connecting VCOMPEN to VCC (see Figure 19).
Proper layout techniques should be used in the grounding network for the VCOMP circuit on the TPIC44L01,
TPIC44L02, and TPIC44L03. The ground for the predriver and VCOMP network should be connected to a
Kelvin ground if available; otherwise, they should make single-point contact back to the power ground of the
FET array. Improper grounding techniques can result in inaccuracies in detecting faults.
_
+
_
+
U1
A
M
U
X
1.25 V
DRAIN3
DRAIN0
VCOMP
VCOMPEN
Deglitch
FLT
External
TPIC44L01/L02/L03
VCOMPEN
1.25 V
VCOMP
0
1
Figure 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24