データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PIC16F1516T-ESOSQTP データシート(PDF) 13 Page - Microchip Technology

部品番号 PIC16F1516T-ESOSQTP
部品情報  28/40/44-Pin Flash Microcontrollers with XLP Technology
PDF  376 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F1516T-ESOSQTP データシート(HTML) 13 Page - Microchip Technology

Back Button PIC16F1516T-ESOSQTP Datasheet HTML 9Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 10Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 11Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 12Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 13Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 14Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 15Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 16Page - Microchip Technology PIC16F1516T-ESOSQTP Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 376 page
background image
 2010-2012 Microchip Technology Inc.
DS41452C-page 13
PIC16(L)F1516/7/8/9
RD7(3)/AN27
RD7
ST
CMOS General purpose I/O.
AN27
AN
—
ADC Channel 27 input.
RE0(3)/AN5
RE0
ST
CMOS General purpose I/O.
AN5
AN
—
ADC Channel 5 input.
RE1(3)/AN6
RE1
ST
CMOS General purpose I/O.
AN6
AN
—
ADC Channel 6 input.
RE2(3)/AN7
RE2
ST
CMOS General purpose I/O.
AN7
AN
—
ADC Channel 7 input.
RE3/MCLR/VPP
RE3
ST
—
General purpose input with WPU.
MCLR
ST
—
Master Clear with internal pull-up.
VPP
HV
—
Programming voltage.
VDD
VDD
Power
—
Positive supply.
VSS
VSS
Power
—
Ground reference.
TABLE 1-2:
PINOUT DESCRIPTION (CONTINUED)
Name
Function
Input
Type
Output
Type
Description
Legend: AN = Analog input or output CMOS= CMOS compatible input or output
OD
= Open Drain
TTL = TTL compatible input
ST
= Schmitt Trigger input with CMOS levels I2C™ = Schmitt Trigger input with I2C
HV = High Voltage
XTAL = Crystal
levels
Note 1:
Peripheral pin location selected using APFCON register (Register 12-1). Default location.
2:
Peripheral pin location selected using APFCON register (Register 12-1). Alternate location.
3:
PORTD and RE<2:0> available on PIC16(L)F1517/9 only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More