| データシートサーチシステム |
|
SPC5644AF0MMG2 データシート(PDF) 45 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
SPC5644AF0MMG2 データシート(HTML) 45 Page - Freescale Semiconductor, Inc |
|
45 / 138 page ![]() AN14 - SDI MA2 ETPUA27_O8 SDI Single-ended Analog Input MUX Address 2 eTPU A channel (output only) eQADC Serial Data In P A1 A2 G 001 010 100 000 217 I O O I VDDEH719 Medium I / — AN[14] / — 146 C12 A13 AN15 - FCK FCK ETPUA29_O8 Single-ended Analog Input eQADC Free Running Clock eTPU A channel (output only) P A1 A2 001 010 100 218 I O O VDDEH719 Medium I / — AN[15] / — 145 C13 A14 AN16 Single-ended Analog Input P — — I VDDA Analog I / — AN[16] / — 3 C6 A3 AN17 Single-ended Analog Input P — — I VDDA Analog I / — AN[17] / — 2 C4 A4 AN18 Single-ended Analog Input P — — I VDDA Analog I / — AN[18] / — 1 D5 B4 AN19 Single-ended Analog Input P — — I VDDA Analog I / — AN[19] / — — — D6 AN20 Single-ended Analog Input P — — I VDDA Analog I / — AN[20] / — — — C5 AN21 Single-ended Analog Input P — — I VDDA Analog I / — AN[21] / — 173 B4 B6 AN22 Single-ended Analog Input P — — I VDDA Analog I / — AN[22] / — 161 B8 D9 AN23 Single-ended Analog Input P — — I VDDA Analog I / — AN[23] / — 160 C9 A8 AN24 Single-ended Analog Input P — — I VDDA Analog I / — AN[24] / — 159 D8 B9 AN25 Single-ended Analog Input P — — I VDDA Analog I / — AN[25] / — 158 B9 A9 AN26 Single-ended Analog Input P — — I VDDA Analog I / — AN[26] / — — — D10 AN27 Single-ended Analog Input P — — I VDDA Analog I / — AN[27] / — 157 A10 C10 AN28 Single-ended Analog Input P — — I VDDA Analog I / — AN[28] / — 156 B10 D11 Table 3. MPC5644A signal properties (continued) Name Function1 P A G2 PCR PA Field3 PCR4 I/O Type Voltage5 / Pad Type6 Status7 Package pin # During Reset After Reset 176 208 324 |