| データシートサーチシステム |
|
521384-3 データシート(PDF) 9 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
521384-3 データシート(HTML) 9 Page - List of Unclassifed Manufacturers |
|
9 / 9 page ![]() 51 Catalog 82004 Dimensions are shown for Dimensions are in inches and Canada: +1 (905) 475-6222 UK: +44 (0) 800-267666 Revised 3-11 reference purposes only. millimeters unless otherwise Mexico/C. Am.: +52 (0) 55-1106-0800 France: +33 (0) 1-3420-8686 Specifications subject specified. Latin/S. Am.: +54 (0) 11-4733-2200 Netherlands: +31 (0) 73-6246-999 www.te.com to change. USA: +1 (800) 522-6752 Germany: +49 (0) 6251-133-1999 China: +86 (0) 400-820-6015 FASTON Printed Circuit Board Tabs and Receptacles (Continued) FASTON Terminals (Insulated and Uninsulated) Vertical Orientation A .587 [14.90] .504 [12.80] Right-Angle Orientation A .504 [12.80] .705 [17.90] .587 [14.90] .660 [16.70] PCB Layout (Ref.) from Component Side .098 [2.50] .197 [5.00] .049 [1.25] .252 [6.40] .049 [1.25] Ø .098 [2.50] PCB Tab Position 1 Hole for Polarizing Peg (Applies to Vertical Orientation Only) Typ. Typ. .197 [5.00] Typ. Ø .053 ± .001 [1.35 ± 0.05] Edge of PCB (Applies to Right-Angle Orientation only) .394 [10.00] FASTON RAST 5 Tab Header Assembly, 250 Series (Continued) No. of RAST 5 Part Numbers Positions Configuration Dim. A Vertical Right-Angle 02-A .484 [12.30] 521382-2 521384-2 02-C .484 [12.30] 2-521382-2 2-521384-2 2 02-E .484 [12.30] 3-521382-2 3-521384-2 02-I .484 [12.30] 5-521382-2 5-521384-2 03-A .681 [17.30] 521382-3 521384-3 3 03-B .681 [17.30] 1-521382-3 1-521384-3 03-D .681 [17.30] 2-521382-3 2-521384-3 03-K .681 [17.30] 4-521382-3 — 04-A .878 [22.30] 521382-4 521384-4 4 04-B .878 [22.30] 1-521382-4 1-521384-4 04-F .878 [22.30] 3-521382-4 3-521384-4 04-G .878 [22.30] 4-521382-4 4-521384-4 5 05-B 1.075 [27.30] 521382-5 521384-5 6 06-A 1.272 [32.30] 521382-6 521384-6 06-D 1.272 [32.30] 1-521382-6 1-521384-6 7 07-C 1.469 [37.30] 521382-7 521384-7 8 08-D 1.665 [42.30] 521382-8 521384-8 08-C 1.665 [42.30] 2-521382-8 2-521384-8 Refer to the TE Customer Drawing for additional details and specific keying patterns. For more information related to the RAST 5 Standard, see TE Literature Distribution no. 1308243. Available variations include: silver plated tabs, DIN style tabs, and Glow Wire housings. RAST 5 headers mate to the following product families: AMP multifitting MKII, RAST 5 Positive Lock MKIII, AMP Standard Timer and AMP Standard Power Timer. Note: All part numbers are RoHS compliant. |