データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM60BIM3 データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM60BIM3
部品情報  LM60 2.7V, SOT-23 or TO-92 Temperature Sensor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM60BIM3 データシート(HTML) 9 Page - Texas Instruments

Back Button LM60BIM3 Datasheet HTML 5Page - Texas Instruments LM60BIM3 Datasheet HTML 6Page - Texas Instruments LM60BIM3 Datasheet HTML 7Page - Texas Instruments LM60BIM3 Datasheet HTML 8Page - Texas Instruments LM60BIM3 Datasheet HTML 9Page - Texas Instruments LM60BIM3 Datasheet HTML 10Page - Texas Instruments LM60BIM3 Datasheet HTML 11Page - Texas Instruments LM60BIM3 Datasheet HTML 12Page - Texas Instruments LM60BIM3 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
10-Dec-2012
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
LM60BIM3
ACTIVE
SOT-23
DBZ
3
1000
TBD
CU SNPB
Level-1-260C-UNLIM
LM60BIM3/NOPB
ACTIVE
SOT-23
DBZ
3
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM60BIM3X
ACTIVE
SOT-23
DBZ
3
3000
TBD
CU SNPB
Level-1-260C-UNLIM
LM60BIM3X/NOPB
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM60BIZ/LFT3
ACTIVE
TO-92
LP
3
2000
TBD
Call TI
Call TI
LM60BIZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
LM60CIM3
ACTIVE
SOT-23
DBZ
3
1000
TBD
CU SNPB
Level-1-260C-UNLIM
LM60CIM3/NOPB
ACTIVE
SOT-23
DBZ
3
1000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM60CIM3X
ACTIVE
SOT-23
DBZ
3
3000
TBD
CU SNPB
Level-1-260C-UNLIM
LM60CIM3X/NOPB
ACTIVE
SOT-23
DBZ
3
3000
Green (RoHS
& no Sb/Br)
CU SN
Level-1-260C-UNLIM
LM60CIZ/NOPB
ACTIVE
TO-92
LP
3
1800
Green (RoHS
& no Sb/Br)
Call TI
Level-1-NA-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com