データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317S/NOPB データシート(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317S/NOPB
部品情報  LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317S/NOPB データシート(HTML) 29 Page - Texas Instruments

Back Button LM317S/NOPB Datasheet HTML 25Page - Texas Instruments LM317S/NOPB Datasheet HTML 26Page - Texas Instruments LM317S/NOPB Datasheet HTML 27Page - Texas Instruments LM317S/NOPB Datasheet HTML 28Page - Texas Instruments LM317S/NOPB Datasheet HTML 29Page - Texas Instruments LM317S/NOPB Datasheet HTML 30Page - Texas Instruments LM317S/NOPB Datasheet HTML 31Page - Texas Instruments LM317S/NOPB Datasheet HTML 32Page - Texas Instruments LM317S/NOPB Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 40 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
9-Jan-2014
Addendum-Page 2
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
LM317H
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
AU
Level-1-NA-UNLIM
0 to 125
LM317HP+
LM317H/NOPB
ACTIVE
TO
NDT
3
500
Green (RoHS
& no Sb/Br)
AU
Level-1-NA-UNLIM
0 to 125
LM317HP+
LM317K STEEL
ACTIVE
TO-3
NDS
2
50
TBD
Call TI
Call TI
0 to 125
LM317K
STEELP+
LM317K STEEL/NOPB
ACTIVE
TO-3
NDS
2
50
Green (RoHS
& no Sb/Br)
POST-PLATE
Level-1-NA-UNLIM
0 to 125
LM317K
STEELP+
LM317MDT/NOPB
ACTIVE
TO-252
NDP
3
75
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 125
LM317
MDT
LM317MDTX/NOPB
ACTIVE
TO-252
NDP
3
2500
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
0 to 125
LM317
MDT
LM317S/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM317S
P+
LM317SX/NOPB
ACTIVE
DDPAK/
TO-263
KTT
3
500
Pb-Free (RoHS
Exempt)
CU SN
Level-3-245C-168 HR
0 to 125
LM317S
P+
LM317T
NRND
TO-220
NDE
3
45
TBD
Call TI
Call TI
LM317T P+
LM317T/LF01
ACTIVE
TO-220
NDG
3
45
Pb-Free (RoHS
Exempt)
CU SN
Level-4-260C-72 HR
LM317T P+
LM317T/NOPB
ACTIVE
TO-220
NDE
3
45
Green (RoHS
& no Sb/Br)
CU SN
Level-1-NA-UNLIM
0 to 125
LM317T P+
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and package, or 2) lead-based die adhesive used between
the die and leadframe. The component is otherwise considered Pb-Free (RoHS compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame retardants (Br or Sb do not exceed 0.1% by weight
in homogeneous material)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com