| データシートサーチシステム |
|
79C04085 データシート(PDF) 13 Page - Maxwell Technologies |
|
|
|||||||||||||||||||||||||||||
79C04085 データシート(HTML) 13 Page - Maxwell Technologies |
|
13 / 20 page ![]() 13 All data sheets are subject to change without notice ©2004 Maxwell Technologies All rights reserved. 4 Megabit (512k x 8-bit) EEPROM MCM 79C0408 10.13.04 Rev 15 WE CE Pin Operation During a write cycle, addresses are latched by the falling edge of WE or CE, and data is latched by the rising edge of WE or CE. Data Polling Data Polling function allows the status of the EEPROM to be determined. If the EEPROM is set to read mode during a write cycle, an inversion of the last byte of data to be loaded output is from I/O 7 to indicate that the EEPROM is per- forming a write operation. RDY/Busy Signal RDY/Busy signal also allows a comparison operation to determine the status of the EEPROM. The RDY/Busy signal has high impedance except in write cycle and is lowered to V OL after the first write signal. At the-end of a write cycle, the RDY/Busy signal changes state to high impedance. RES Signal When RES is LOW, the EEPROM cannot be read and programmed. Therefore, data can be protected by keeping RES low when V CC is switched. RES should be kept high during read and programming because it doesn’t provide a latch function. Data Protection To protect the data during operation and power on/off, the EEPROM has the internal functions described below. 1. Data Protection against Noise of Control Pins (CE, OE, WE) during Operation. |