| データシートサーチシステム |
|
SRP4020-R56M データシート(PDF) 4 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP4020-R56M データシート(HTML) 4 Page - Bourns Electronic Solutions |
|
4 / 4 page ![]() SRP4020 Series - Shielded Power Inductors Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. 12.5 ± 0.5 (.492 ± .020) 2.0 ± 0.5 (.079 ± .020) 100.0 ± 1.0 (3.937 ± .039) 330.0 (13.00) DIA. 13.5 ± 0.5 (.53 ± .020) DIA. 13.5 ± 0.5 (0.53 ± .020) DIA. Packaging Specifications EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. 8.0 ± 0.1 (.315 ± .004) 4.2 ± 0.1 (.165 ± .004) 2.0 ± 0.1 (.079 ± .004) 0.3 ± 0.1 (.012 ± .004) QTY: 2000 PCS. PER REEL 1.50 ± 0.1 (.059 ± .004) 1.75 ± 0.1 (.069 ± .004) 5.0 ± 0.1 (.197 ± .004) 5.5 ± 0.1 (.217 ± .004) 12.0 ± 0.3 (.472 ± .012) 4.0 ± 0.1 (.157 ± .004) 2.5 ± 0.15 (.098 ± .006) USER DIRECTION OF FEED DIMENSIONS: MM (INCHES) REV. 01/14 |