| データシートサーチシステム |
|
SRP7030-R22M データシート(PDF) 2 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP7030-R22M データシート(HTML) 2 Page - Bourns Electronic Solutions |
|
2 / 3 page ![]() SRP7030 Series - Shielded Power Inductors L vs. I Charts 0 03 6 9 12 15 18 21 24 27 30 33 39 36 42 0.10 0.12 0.14 0.16 0.18 0.08 0.06 0.04 0.02 0.20 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R10M 0 04 812 16 20 24 28 32 36 0.20 0.24 0.28 0.32 0.36 0.16 0.12 0.08 0.04 0.40 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R22M 0 04 812 16 20 24 28 32 36 0.25 0.30 0.35 0.40 0.45 0.20 0.15 0.10 0.05 0.50 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R33M 0 04 8 12 16 2024 28 32 3640 0.15 0.18 0.21 0.24 0.27 0.12 0.09 0.06 0.03 0.30 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R15M 0.10 04 812 16 20 24 28 32 38 0.20 0.22 0.24 0.26 0.28 0.18 0.16 0.14 0.12 0.30 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R20M 0 04 812 16 20 24 28 32 36 0.5 0.6 0.7 0.8 0.9 0.4 0.3 0.2 0.1 1.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R47M 0 03 6 9 12 15 18 21 24 0.75 0.90 1.05 1.20 1.35 0.60 0.45 0.30 0.15 1.50 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R68M 0 02 46 8 10 12 14 16 18 20 1.0 1.2 1.4 1.6 1.8 0.8 0.6 0.4 0.2 2.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-R82M 0 02 46 8 10 12 14 16 18 1.0 1.2 1.4 1.6 1.8 0.8 0.6 0.4 0.2 2.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-1R0M 0 02 46 8 10 12 14 1.5 1.8 2.1 2.4 2.7 1.2 0.9 0.6 0.3 3.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-1R5M 0 0 4.6 9.2 13.8 18.4 23 0.72 0.96 0.48 0.24 1.2 0 20 40 60 80 100 DC Current (A) SRP7030-R72M DC Current (A) SRP7030-1R8M 0 3.25 6.5 9.75 13 0 1 2 3 4 0 10 20 30 40 50 60 70 80 90 100 Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. |