| データシートサーチシステム |
|
SRP7030-R72M データシート(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
SRP7030-R72M データシート(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 3 page ![]() SRP7030 Series - Shielded Power Inductors L vs. I Charts 0 01 23 4 5 6 7 5 6 7 8 9 4 3 2 1 10 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-4R7M 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 10 12 14 16 18 8 6 4 2 20 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-8R2M 0 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0 7.5 9.0 10.5 12.0 13.5 6.0 4.5 3.0 1.5 15.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-6R8M 0 02 46 8 10 12 4.0 4.8 5.6 6.4 7.2 3.2 2.4 1.6 0.8 8.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-3R3M 0 02 46 8 10 12 14 2.0 2.4 2.8 3.2 3.6 1.6 1.2 0.8 0.4 4.0 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-2R2M 0 0 0.5 1 1.5 2 2.5 3 3.5 4 4.5 5.0 10 12 14 16 18 8 6 3 2 20 0 10 20 30 40 50 60 70 80 90 100 DC Current (A) SRP7030-100M Specifications are subject to change without notice. The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time. Users should verify actual device performance in their specific applications. Packaging Specifications DIMENSIONS: MM (INCHES) EMBOSSED CARRIER EMBOSSED CAVITY 0.10 (.004) THICKNESS MAX. 1.5 ± 0.1 (0.059 ± 0.004) 0.15 (0.0006) 2.0 ± 0.1 (0.079 ± 0.004) 4.0 ± 0.1 (0.157 ± 0.004) DIA. DIA. 0.35 ± 0.05 (0.014 ± 0.020) 4.5 ± 0.1 (0.177 ± 0.004) 7.8 ± 0.1 (0.307 ± 0.004) 12.0 ± 0.1 (0.472 ± 0.004) 7.0 ± 0.1 (0.276 ± 0.004) 16.0 ± 0.3 (0.630 ± 0.012) 1.75 ± 0.1 (.069 ± 0.004) 1.55 ± 0.3 (.061 ± 0.012) 16.0 ± 0.5 (0.63 ± 0.020) 2.0 ± 0.5 (.079 ± .020) 75.0 ± 2.0 (2.96 ± 0.08) 330.0 (13.00) DIA. 13.5 ± 0.5 (.53 ± .020) DIA. 13.5 ± 0.5 (0.53 ± .020) DIA. REV. 11/13 |