データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADNS-3050 データシート(PDF) 12 Page - Pixart Imaging Inc.

部品番号 ADNS-3050
部品情報  Entry-level Gaming Optical Navigation Sensor
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PIXART [Pixart Imaging Inc.]
ホームページ  http://www.pixart.com.tw
Logo PIXART - Pixart Imaging Inc.

ADNS-3050 データシート(HTML) 12 Page - Pixart Imaging Inc.

Back Button ADNS-3050 Datasheet HTML 8Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 9Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 10Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 11Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 12Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 13Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 14Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 15Page - Pixart Imaging Inc. ADNS-3050 Datasheet HTML 16Page - Pixart Imaging Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
12
tsetup-MOSI
thold-MOSI
SCLK
MOSI
Write Operation
Write operation, defined as data going from the micro-controller to the ADNS-3050, is always initiated by the micro-
controller and consists of two bytes. The first byte contains the address (seven bits) and has a “1” as its MSB to indicate
write sequence. The second byte contains the data. The ADNS-3050 reads MOSI on rising edges of SCLK.
Figure 13. MOSI setup
1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
2
1
D0
D5
D6
D7
A0
A1
A2
A3
A4
A5
A6
1A6
D4
D3
D2
D1
SCLK
NCS
MOSI
MOSI DRIVEN BY MICRO-CONTROLLER
MISO
Figure 15. MISO delay
Read Operation
A read operation, defined as data going from the ADNS-3050 to the micro-controller, is always initiated by the micro-
controller and consists of two bytes. The first byte contains the address, is sent by the micro-controller over MOSI, and
has a “0” as its MSB to indicate data direction. The second byte contains the data and is driven by the ADNS-3050 over
MISO. The sensor outputs MISO bits on falling edges of SCLK and samples MOSI bits on every rising edge of SCLK.
Note: The 500 ns minimum high state of SCLK is also the minimum
MISO data hold time of the ADNS-3050. Since the falling edge of SCLK is
actually the start of the next read or write command, the ADNS-3050 will
hold the state of data on MISO until the falling edge of SCLK.
1
2
3
4
5
6
7
8
SCLK
Cycle #
SCLK
MOSI
0
A6
A5
A4
A3
A2
A1
A0
9
10
11
12
13
14
15
16
NCS
MISO
D6
D5
D4
D3
D2
D1
D0
D7
tSRADDELAY
SCLK
MISO
D0
tHOLD-MISO
tDLY-MISO
Figure 12. Write Operation
Figure 14. Read Operation
PixArt Imaging Inc.
All rights strictly reserved any portion in this paper shall not be reproduced, copied or transformed to any other forms without permission.
PixArt Imaging Inc.
E-mail: fae_service@pixart.com.tw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com