データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9432/PCB データシート(PDF) 14 Page - Analog Devices

部品番号 AD9432/PCB
部品情報  12-Bit, 80 MSPS/105 MSPS A/D Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9432/PCB データシート(HTML) 14 Page - Analog Devices

Back Button AD9432/PCB Datasheet HTML 10Page - Analog Devices AD9432/PCB Datasheet HTML 11Page - Analog Devices AD9432/PCB Datasheet HTML 12Page - Analog Devices AD9432/PCB Datasheet HTML 13Page - Analog Devices AD9432/PCB Datasheet HTML 14Page - Analog Devices AD9432/PCB Datasheet HTML 15Page - Analog Devices AD9432/PCB Datasheet HTML 16Page - Analog Devices AD9432/PCB Datasheet HTML 17Page - Analog Devices AD9432/PCB Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
REV. E
AD9432
–14–
PCB Bill of Materials
#
Quantity
REFDES
Device
Package
Value
1
30
C1–C8, C10–C13, C17, C19–C22,
Capacitor
603
0.1
µF
C27–C29, C41, C42, C47, C48,
C53, C56, C58, C60, C61, C70
2
1
C9
Capacitor
603
0.01
µF
3
4
C14, C18, C31, C34
Capacitor
CAPTAJD
10
µF
4
1
C15
Capacitor
CAPTAJD
1
µF
5
18
E1–E13, E30, E32, E40, E42, E43
E-HOLE
Test Point
6
3
P1, P2, P3
Connector
SMB
7
1
P7
37-Pin Connector
Female
AMP 747462-2
8
2
P30, P40
Power Connector
9
6
R1, R2, R7, R8, R10, R18
Resistor
1206
50
(R1, R2, R10 Optional)
10
2
R3, R35
Resistor
1206
100
11
4
R25, R26, R31, R32
Resistor
1206
500
12
2
R6, R24
Resistor
1206
2 k
13
4
RP1–RP4
RES PAK
100
14
1
T1
Transformer
Mini-Circuits
ADT1-1WT
15
1
U1
DAC
SOIC
AD9752
16
1
U2
Reference (Not Supplied)
SOIC
AD780N
17
2
U3, U4
Inverter (U4 Not Supplied)
SC70
NC7SZ04P5
18
1
U9
ADC
52QFP
AD9432
19
2
U12–U13
Latch
SOIC
74AC574M
20
1
Z1
PECL/TTL Translator
SOIC
MC100ELT23
21
2
Z2, Z3
Differential Receiver
SOIC
MC10EL16
22
3
R4, R5, R15
Resistor
1206
24.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20