データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADA4637-1ACPZ-R7 データシート(PDF) 16 Page - Analog Devices

部品番号 ADA4637-1ACPZ-R7
部品情報  30 V, High Speed, Low Noise, Low Bias Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADA4637-1ACPZ-R7 データシート(HTML) 16 Page - Analog Devices

Back Button ADA4637-1ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 15Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 16Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 17Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 18Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 19Page - Analog Devices ADA4637-1ACPZ-R7 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADA4627-1/ADA4637-1
Data Sheet
Rev. E | Page 16 of 20
DECOMPENSATED OP AMPS
The ADA4637-1 is a decompensated op amp, and, as such, must
always be operated at a noise gain of 5 or greater. See tutorial
MT-033, Voltage Feedback Op Amp Gain and Bandwidth, at
www.analog.com for more information.
DRIVING CAPACITIVE LOADS
Adding capacitance to the output of any op amp results in addi-
tional phase shift, which reduces stability and leads to overshoot
or oscillation. The ADA4627-1/ADA4637-1 have a high phase
margin and low output impedance, so they can drive reasonable
values of capacitance. This is a common situation when an
amplifier is used to drive the input of switched capacitor ADCs.
For other considerations and various circuit solutions, see the
Analog Dialogue article titled Ask the Applications Engineer-25,
Op Amps Driving Capacitive Loads, available at www.analog.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20