データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6630S0D-C28-R202 データシート(PDF) 2 Page - Bourns Electronic Solutions

部品番号 6630S0D-C28-R202
部品情報  Precision Potentiometer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

6630S0D-C28-R202 データシート(HTML) 2 Page - Bourns Electronic Solutions

  6630S0D-C28-R202 Datasheet HTML 1Page - Bourns Electronic Solutions 6630S0D-C28-R202 Datasheet HTML 2Page - Bourns Electronic Solutions 6630S0D-C28-R202 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
6630 - Precision Potentiometer
Panel Thickness Dimensions
PANEL
POT
LOCKWASHER
HEX NUT
2.46 - 3.81
(.097 - .150)
1.78 +.07/-.02
(.070 +.003/-.001)
10.44 ± .07
(.411 ± .003)
DIA.
DIA.
ADDITIONAL HOLE FOR
ANTIROTATION PIN
7.93
(.312)
R
MM
(INCHES)
DIMENSIONS:
TOLERANCES: ±
0.127
(.005)
Anti-rotation pin hole is shown at six o'clock
position for reference only. The actual location is
determined by the customer's application. Refer
to the front view of the potentiometer to see the
location of the optional A/R pin.
Panel thickness and hole diameters are
recommended for best fit. However, customers
may adjust the dimensions to suit their specific
application.



Html Pages

1 2 3