| データシートサーチシステム |
|
SP6002S8RG データシート(PDF) 3 Page - SYNC POWER Crop. |
|
|
|||||||||||||||||||||||||||||
SP6002S8RG データシート(HTML) 3 Page - SYNC POWER Crop. |
|
3 / 7 page ![]() 2012/08/29 Ver.7 Page 3 SP6002 Synchronous Rectifier Driver BLOCK DIAGRAM ORDERING INFORMATION Part Number Package Part Marking SP6002S8RG SOP-8 SP6002I SP6002S8TG SOP-8 SP6002I SP6002S8RGB SOP-8 SP6002I SP6002S8TGB SOP-8 SP6002I ※ SP6002S8RG : 7”Tape Reel ; Pb – Free ※ SP6002S8TG : Tube ; Pb – Free ※ SP6002S8RGB : 7”Tape Reel ; Pb – Free ; Halogen - Free ※ SP6002S8TGB : Tube ; Pb – Free ; Halogen - Free ABSOULTE MAXIMUM RATINGS (TA=25 , unless otherwise specified.) ℃ The following ratings designate persistent limits beyond which damage to the device may occur . Symbol Parameter Value Unit Vdd DC Supply Voltage 7 V VSYNC SYNC Voltage 7.5 V IOUT Peak Source Current (Pulsed) 1 A Peak Sink Current (Pulsed) 1.5 A PD Power Dissipation @ TA=85 (*) ℃ 0.25 W TJ Operating Junction Temperature Range -40 to 150 ℃ TSTG Storage Temperature Range -40 to 150 ℃ TLEAD Lead Soldering Temperature for 5 sec. 260 ℃ |