データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADP1706ARDZ-1.1-R7 データシート(PDF) 4 Page - Analog Devices

部品番号 ADP1706ARDZ-1.1-R7
部品情報  1 A, Low Dropout, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADP1706ARDZ-1.1-R7 データシート(HTML) 4 Page - Analog Devices

  ADP1706ARDZ-1.1-R7 Datasheet HTML 1Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 2Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 3Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 4Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 5Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 6Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 7Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 8Page - Analog Devices ADP1706ARDZ-1.1-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
ADP1706/ADP1707/ADP1708
Rev. 0 | Page 4 of 20
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VOUT = 0.75 V
125
μV rms
10 Hz to 100 kHz, VOUT = 3.3 V
450
μV rms
POWER SUPPLY REJECTION RATIO
PSRR
1 kHz, VOUT = 0.75 V
70
dB
1 kHz, VOUT = 3.3 V
56
dB
1 Accuracy when OUT is connected directly to ADJ. When OUT voltage is set by external feedback resistors, absolute accuracy in adjust mode depends on the tolerances
of resistors used.
2 Based on an end-point calculation using 10 mA and 1 A loads. See Figure 11 for typical load regulation performance for loads less than 10 mA.
3 Dropout voltage is defined as the input-to-output voltage differential when the input voltage is set to the nominal output voltage. This applies only for output
voltages above 2.5 V.
4 Start-up time is defined as the time between the rising edge of EN to OUT being at 95% of its nominal value.
5 Current limit threshold is defined as the current at which the output voltage drops to 90% of the specified typical value. For example, the current limit for a 1.0 V
output voltage is defined as the current that causes the output voltage to drop to 90% of 1.0 V, or 0.9 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com