| データシートサーチシステム |
|
DSPIC33FJ64GP708 データシート(PDF) 5 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DSPIC33FJ64GP708 データシート(HTML) 5 Page - Microchip Technology |
|
5 / 322 page ![]() © 2009 Microchip Technology Inc. DS70286C-page 3 dsPIC33FJXXXGPX06/X08/X10 dsPIC33F PRODUCT FAMILIES The dsPIC33F General Purpose Family of devices are ideal for a wide variety of 16-bit MCU embedded applications. The controllers with codec interfaces are well-suited for speech and audio processing applications. The device names, pin counts, memory sizes and peripheral availability of each family are listed below, followed by their pinout diagrams. dsPIC33F General Purpose Family Controllers Device Pins Program Flash Memory (Kbyte) RAM (Kbyte)(1) Packages dsPIC33FJ64GP206 64 64 8 9 8 8 1 1 ADC, 18 ch 221 0 53 PT dsPIC33FJ64GP306 64 64 16 9 8 8 1 1 ADC, 18 ch 222 0 53 PT dsPIC33FJ64GP310 100 64 16 9 8 8 1 1 ADC, 32 ch 222 0 85 PF, PT dsPIC33FJ64GP706 64 64 16 9 8 8 1 2 ADC, 18 ch 222 2 53 PT dsPIC33FJ64GP708 80 64 16 9 8 8 1 2 ADC, 24 ch 222 2 69 PT dsPIC33FJ64GP710 100 64 16 9 8 8 1 2 ADC, 32 ch 222 2 85 PF, PT dsPIC33FJ128GP206 64 128 8 9 8 8 1 1 ADC, 18 ch 221 0 53 PT dsPIC33FJ128GP306 64 128 16 9 8 8 1 1 ADC, 18 ch 222 0 53 PT dsPIC33FJ128GP310 100 128 16 9 8 8 1 1 ADC, 32 ch 222 0 85 PF, PT dsPIC33FJ128GP706 64 128 16 9 8 8 1 2 ADC, 18 ch 222 2 53 PT dsPIC33FJ128GP708 80 128 16 9 8 8 1 2 ADC, 24 ch 222 2 69 PT dsPIC33FJ128GP710 100 128 16 9 8 8 1 2 ADC, 32 ch 222 2 85 PF, PT dsPIC33FJ256GP506 64 256 16 9 8 8 1 1 ADC, 18 ch 222 1 53 PT dsPIC33FJ256GP510 100 256 16 9 8 8 1 1 ADC, 32 ch 222 1 85 PF, PT dsPIC33FJ256GP710 100 256 30 9 8 8 1 2 ADC, 32 ch 222 2 85 PF, PT Note 1: RAM size is inclusive of 2 Kbytes DMA RAM. 2: Maximum I/O pin count includes pins shared by the peripheral functions. |