| データシートサーチシステム |
|
IXP2400 データシート(PDF) 49 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
IXP2400 データシート(HTML) 49 Page - Intel Corporation |
|
49 / 126 page ![]() Intel® IXP2400 Network Processor Datasheet 49 Table 16. x16 POS-PHY Level 2 MPHY-32 + x16 SPHY (UTOPIA or POS-PHY) Mode Port Pin Name Direction Master Mode Function and Description Slave Mode Function and Description Port 3 (unused) RXCLK23 Input RXCLK23 TXCLK23 RXENB[3] Output unused; no connect unused, no connect RXSOF[3] Input unused; tie to ground unused; tie to ground RXEOF[3] Input unused; tie to ground unused; tie to ground RXVAL[3] Input unused; tie to ground unused; tie to ground RXERR[3] Input unused; tie to ground unused; tie to ground RXPRTY[3] Input unused; tie to ground unused; tie to ground RXFA[3] Input unused; tie to ground unused; tie to ground Port 2 (SPHY) RXCLK23 Input RXCLK23 TXCLK23 RXENB[2] Output RXENB[2] TXFA[2] RXSOF[2] Input RXSOF[2] TXSOF[2] RXEOF[2] Input RXEOF[2] TXEOF[2] RXVAL[2] Input RXVAL[2] TXENB[2] RXERR[2] Input RXERR[2] TXERR[2] RXPRTY[2] Input RXPRTY[2] TXPRTY[2] RXFA[2] Input RXFA[2] unused; tie to ground RXPADL[1] Input RXPADL[1] TXPADL[1] RXDATA[31:16] Input RXDATA[31:16] TXDATA[31:16] Port 1 (unused) RXCLK01 Input RXCLK01 TXCLK01 RXSOF[1] Input unused; tie to ground unused; tie to ground RXEOF[1] Input unused; tie to ground unused; tie to ground RXVAL[1] Input unused; tie to ground unused; tie to ground RXERR[1] Input unused; tie to ground unused; tie to ground RXPRTY[1] Input unused; tie to ground unused; tie to ground RXFA[1] Input unused; tie to ground unused; tie to ground |