| データシートサーチシステム |
|
TC4467 データシート(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
TC4467 データシート(HTML) 12 Page - Microchip Technology |
|
12 / 22 page ![]() TC4467/TC4468/TC4469 DS21425B-page 12 2002 Microchip Technology Inc. 6.0 PACKAGING INFORMATION 6.1 Package Marking Information 14-Lead PDIP (300 mil) Example: 14-Lead CERDIP (300 mil) Example: Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, facility code, mask rev#, and assembly code. 16-Lead SOIC (300 mil) Example : XXXXXXXXXXX XXXXXXXXXXX YYWWNNN XXXXXXXXXXX YYWWNNN TC4469COE XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN XXXXXXXXXXXXXX XXXXXXXXXXXXXX YYWWNNN TC4467CPD YYWWNNN TC4468EJD YYWWNNN |