データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AY0438P データシート(PDF) 9 Page - Microchip Technology

部品番号 AY0438P
部品情報  32-Segment CMOS LCD Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MICROCHIP [Microchip Technology]
ホームページ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

AY0438P データシート(HTML) 9 Page - Microchip Technology

Back Button AY0438P Datasheet HTML 3Page - Microchip Technology AY0438P Datasheet HTML 4Page - Microchip Technology AY0438P Datasheet HTML 5Page - Microchip Technology AY0438P Datasheet HTML 6Page - Microchip Technology AY0438P Datasheet HTML 7Page - Microchip Technology AY0438P Datasheet HTML 8Page - Microchip Technology AY0438P Datasheet HTML 9Page - Microchip Technology AY0438P Datasheet HTML 10Page - Microchip Technology AY0438P Datasheet HTML 11Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
AY0438
DS70010I-page 9
© 1995 Microchip Technology Inc.
AY0438 Product Identification System
To order or to obtain information, e.g., on pricing or delivery, please use the listed part numbers, and refer to the factory or the listed
sales offices.
Sales and Support
Products supported by a preliminary Data Sheet may possibly have an errata sheet describing minor operational differences and
recommended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office.
2.
The Microchip Corporate Literature Center U.S. FAX: (602) 786-7277
3.
The Microchip’s Bulletin Board, via your local CompuServe number (CompuServe membership NOT required).
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
For latest version information and upgrade kits for Microchip Development Tools, please call 1-800-755-2345 or 1-602-786-7302.
PART NO.
X /XX
Package:
P
=
Plastic DIP
L
=
PLCC
S
=
Die in Waffle Pack
Temperature
-
=
0˚C to +70˚C
Range:
I
=
40˚C to +85˚C
Device:
32 Segment LCD Driver



Html Pages

1 2 3 4 5 6 7 8 9 10 11