| データシートサーチシステム |
|
IO96PDB2V1 データシート(PDF) 44 Page - Microsemi Corporation |
|
|
|||||||||||||||||||||||||||||
IO96PDB2V1 データシート(HTML) 44 Page - Microsemi Corporation |
|
44 / 242 page ![]() ProASIC3L DC and Switching Characteristics 2-28 Revision 13 Table 2-30 • Summary of I/O Timing Characteristics—Software Default Settings –1 Speed Grade, Commercial-Case Conditions: TJ = 70°C, Worst Case VCC = 1.425 V, Worst Case VCCI Advanced I/O Banks I/O Standard 3.3 V LVTTL / 3.3 V LVCMOS 12 mA 12 mA High 5 – 0.46 1.83 0.03 0.78 0.33 1.87 1.39 2.46 2.74 3.58 3.10 ns 3.3 V LVCMOS Wide Range1,2 100 µA 12 mA High 5 – – – – – – – – – – – – ns 2.5 V LVCMOS 12 mA 12 mA High 5 – 0.46 1.85 0.03 1.00 0.33 1.88 1.55 2.53 2.63 3.59 3.26 ns 1.8 V LVCMOS 12 mA 12 mA High 5 – 0.46 2.04 0.03 0.93 0.33 2.08 1.73 2.83 3.12 3.79 3.45 ns 1.5 V LVCMOS 12 mA 12 mA High 5 – 0.46 2.33 0.03 1.10 0.33 2.37 2.01 3.02 3.22 4.08 3.72 ns 3.3 V PCI Per PCI spec. – High 5 25 3 0.46 2.05 0.03 0.66 0.33 2.09 1.49 2.46 2.74 3.80 3.21 ns 3.3 V PCI-X Per PCI-X spec. – High 10 253 0.46 2.05 0.03 0.64 0.33 2.09 1.49 2.46 2.74 3.80 3.21 ns LVDS 24 mA – High – – 0.46 1.40 0.03 1.23 N/A N/A N/A N/A N/A N/A N/A ns LVPECL 24 mA – High – – 0.46 1.38 0.03 1.08 N/A N/A N/A N/A N/A N/A N/A ns Notes: 1. The minimum drive strength for any LVCMOS 1.2 V or LVCMOS 3.3 V software configuration when run in wide range is ±100 µA. Drive strength displayed in the software is supported for normal range only. For a detailed I/V curve, refer to the IBIS models. 2. All LVCMOS 3.3 V software macros support LVCMOS 3.3 V wide range as specified in the JESD8-B specification. 3. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-12 on page 2-81 for connectivity. This resistor is not required during normal operation. 4. For specific junction temperature and voltage supply levels, refer to Table 2-6 on page 2-7 for derating values. |