| データシートサーチシステム |
|
PIC16F72 データシート(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F72 データシート(HTML) 80 Page - Microchip Technology |
|
80 / 136 page ![]() PIC16F72 DS39597C-page 78 © 2007 Microchip Technology Inc. IORLW Inclusive OR Literal with W Syntax: [ label ] IORLW k Operands: 0 ≤ k ≤ 255 Operation: (W) .OR. k → (W) Status Affected: Z Description: The contents of the W register are OR’d with the eight-bit literal ‘k’. The result is placed in the W register. IORWF Inclusive OR W with f Syntax: [ label ] IORWF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (W) .OR. (f) → (destination) Status Affected: Z Description: Inclusive OR the W register with register ‘f’. If ‘d’ = ‘0’, the result is placed in the W register. If ‘d’ = ‘1’, the result is placed back in register ‘f’. MOVF Move f Syntax: [ label ] MOVF f,d Operands: 0 ≤ f ≤ 127 d ∈ [0,1] Operation: (f) → (destination) Status Affected: Z Description: The contents of register ‘f’ are moved to a destination dependant upon the status of ‘d’. If ‘d’ = ‘0’, the destination is W register. If ‘d’ = ‘1’, the destination is file reg- ister ‘f’ itself. ‘d’ = ‘1’ is useful to test a file register, since status flag Z is affected. MOVLW Move Literal to W Syntax: [ label ] MOVLW k Operands: 0 ≤ k ≤ 255 Operation: k → (W) Status Affected: None Description: The eight-bit literal ‘k’ is loaded into W register. The don’t cares will assemble as ‘0’s. MOVWF Move W to f Syntax: [ label ] MOVWF f Operands: 0 ≤ f ≤ 127 Operation: (W) → (f) Status Affected: None Description: Move data from W register to register ‘f’. NOP No Operation Syntax: [ label ] NOP Operands: None Operation: No operation Status Affected: None Description: No operation. |