データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3517H-ECTP データシート(PDF) 90 Page - ams AG

部品番号 AS3517H-ECTP
部品情報  Stereo Audio Codec with enhanced System Power Management
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3517H-ECTP データシート(HTML) 90 Page - ams AG

Back Button AS3517H-ECTP Datasheet HTML 86Page - ams AG AS3517H-ECTP Datasheet HTML 87Page - ams AG AS3517H-ECTP Datasheet HTML 88Page - ams AG AS3517H-ECTP Datasheet HTML 89Page - ams AG AS3517H-ECTP Datasheet HTML 90Page - ams AG AS3517H-ECTP Datasheet HTML 91Page - ams AG AS3517H-ECTP Datasheet HTML 92Page - ams AG AS3517H-ECTP Datasheet HTML 93Page - ams AG AS3517H-ECTP Datasheet HTML 94Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 90 / 94 page
background image
AS3517 V17
Data Sheet, Confidential
© 2003-2007, austriamicrosystems AG, 8141 Unterpremstaetten, Austria-Europe. All Rights Reserved.
www.austriamicrosystems.com
Table 91 RTCV Register
Name
Base
Default
RTCV
2-wire serial
23h
RTC Voltage Register
Offset: 28h
This register is reset at a DVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7:4
V_RVDD
0010
R/W
Selects the RVDD output voltage level (1V to 2.5V)
Default: 1.2V
RVDD= 1V + V_RVDD*0.1V
3:2
1
RTC_ON
1
R/W
RTC counter clock control:
0: Disable clock for RTC counter
1: Enables clock for RTC counter
0
OSC32_ON
1
R/W
Switches the 32kHz oscillator ON A 32kHz watch crystal need
to be connected to pins XIN32/XOUT32
0: Disable 32kHz oscillator
1: Enables 32kHz oscillator
Table 92 RTCV Register
Name
Base
Default
RTCT
2-wire serial
40h
RTC Timing Register
Offset: 29h
This register is reset at a RVDD-POR.
Bit
Bit Name
Default
Access
Bit Description
7
IRQ_MIN
0
R/W
0: generates an interrupt every second
1: generates an interrupt every minute
The interrupt has to be enable in IRQ_ENRD_4 (27h)
6:0
RTC_TBC<6:0>
1000000
R/W
These bits are used to correct the inaccuracy of the used
32kHz crystal.
Trimming register for RTC, 128 steps @ 7.6ppm
000000: 1 (7.6ppm)
000001: 2 (15.2ppm)
…
100000: 64 (488ppm)
…
111110: 126 (960.8ppm)
111111: 127 (968.4ppm)
Table 93 RTC_0 to RTC_3 Register
Name
Base
Default
RTC_0 to RTC_3
2-wire serial
00 00 00 00h
RTC Time-base Seconds Register
Offset: 2Ah to 2Dh
This register is reset at a RVDD-POR.
Adr.
Byte Name
Default
Access
Bit Description
2Ah
RTC_0
00h
R/W
QRTC<7:0>; RTC seconds bits 0 to 7
2Bh
RTC_1
00h
R/W
QRTC<15:8>; RTC seconds bits 8 to 15
2Ch
RTC_2
00h
R/W
QRTC<23:9>; RTC seconds bits 9 to 23
2Dh
RTC_3
00h
R/W
QRTC<31:24>; RTC seconds bits 24 to 31
Revision 1v3
89
- 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94