| データシートサーチシステム |
|
AS3607 データシート(PDF) 32 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3607 データシート(HTML) 32 Page - ams AG |
|
32 / 71 page ![]() www.austriamicrosystems.com Revision 1.03 31 - 70 AS3606 AS3607 2v2 Data Sheet - D e t a i l e d D e s c r i p t i o n - S Y S T E M F u n c t i o n s 9.7 2-Wire-Serial Control Interface There is an I2C slave block implemented to have access to 64 byte of setting information. The I2C address is: Adr_Group8 - audio processors 8Ch_write 8Dh_read 9.7.1 Protocol Figure 15. Byte Write Table 16. 2-Wire Serial Symbol Definition Symbol Definition RW Note S Start condition after stop R 1 bit Sr Repeated start R 1 bit DW Device address for write R 1000 1100b (8Ch) DR Device address for read R 1000 1101b (8Dh) WA Word address R 8 bit A Acknowledge W 1 bit N No Acknowledge R 1 bit reg_data Register data/write R 8 bit data (n) Register data/read W 8 bit P Stop condition R 1 bit WA++ Increment word address internally R during acknowledge AS3606 AS3607 (=slave) receives data AS3606 AS3607 (=slave) transmits data S DW A WA A reg_data A P write register WA++ |