データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3635 データシート(PDF) 15 Page - ams AG

部品番号 AS3635
部品情報  Xenon Flash Driver with 5V IGBT Control
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3635 データシート(HTML) 15 Page - ams AG

Back Button AS3635 Datasheet HTML 11Page - ams AG AS3635 Datasheet HTML 12Page - ams AG AS3635 Datasheet HTML 13Page - ams AG AS3635 Datasheet HTML 14Page - ams AG AS3635 Datasheet HTML 15Page - ams AG AS3635 Datasheet HTML 16Page - ams AG AS3635 Datasheet HTML 17Page - ams AG AS3635 Datasheet HTML 18Page - ams AG AS3635 Datasheet HTML 19Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
www.austriamicrosystems.com/AS3635
1.4-8
14 - 20
AS3635
Datasheet - D e t a i l e d D e s c r i p t i o n
ESD Protection Diodes
The internal ESD diodes are shown in Figure 21 - do not operate ESD diodes in forward direction
4
:
Figure 21. ESD Diodes
4. Exception: The diode between SW and PGND is designed to be operated in forward direction for very
short pulses during charging.


  
 
 
 
 !
"#!
$%

& ' ()



%*
#
+!
#
AS3635



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21