| データシートサーチシステム |
|
AS3658B-BCTP データシート(PDF) 22 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS3658B-BCTP データシート(HTML) 22 Page - ams AG |
|
22 / 158 page ![]() www.austriamicrosystems.com Revision 1v13 21 - 157 AS3658 Data Sheet Confidential - Detail ed Descri ption-Power Management Functions Figure 7. DC/DC step up converter 1 with regulated output voltage (15V), and switch off function of output voltage, to reduce shutdown current As the output voltage is always on, an additional output transistor can be added to reduce shutdown current through R1, R2 and the connected output circuit. Note: A similar circuit can be used for step up converter 2. 8.1.2 StepUp1 Load Detection and Overcurrent Protection Circuit This circuit protects the DCDC step up1 converter during short circuit and startup, by regulation of the output current. An additional feature is the detection of a minimum output load of the Step-up converter. It is also possible to use this circuit without the DCDC step up converter, by using the sense resistor only: Detection circuit: If the voltage on Rsense exceeds VDETECT for more than 1msecond, or the DCDC Step up converter is not in Pulseskip for more than 1 millisecond, the stepup1_det bit will be set. Overcurrent protection: If the Overcurrent voltage VOVCURRENT has been exceeded by more than 5 msec the Bit stpup1_oc will be set and can only reset, by switching off and on the Protection circuit by writing Stpup1_shortprot 0 – 1. If stepup1_oc is set the load will be disconnected, if Stpup1_oc_timeout=1 Table 7. StepUp1 protection/detection circuit parameters Symbol Parameter Min Typ Max Unit Note VDETECT Detection Threshold 2 12.5 25 mV For Rsense=0.150 Ω => 83mA typ. VOVCURRENT Overcurrent Threshold rising 150 180 215 mV For Rsense=0.150 Ω => 1.2A typ. VOVhysteresis Overcurrent Hysteresis 50 mV tOV_timeout Overcurrent timeout 5 ms Interrupt and/or external PMOS switching off after timeout fclk_int = 2.2MHz tdetect Detection denounce time 1ms fclk_int = 2.2MHz ! " # $ %$ &'() " " * + " # ,-- . # && / # && / !"" 0 % )1( ( ( & ( ( "0 # 2- ,- 3 45- &6' 7 )42 32 #3 , 2 2- 8 29 ': $: $ 3 , # 32 ; 5- 2 4 -,- $ 3 -,- , 22 2 |