データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3930 データシート(PDF) 22 Page - ams AG

部品番号 AS3930
部品情報  Single Channel Low Frequency Wakeup Receiver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3930 データシート(HTML) 22 Page - ams AG

Back Button AS3930 Datasheet HTML 18Page - ams AG AS3930 Datasheet HTML 19Page - ams AG AS3930 Datasheet HTML 20Page - ams AG AS3930 Datasheet HTML 21Page - ams AG AS3930 Datasheet HTML 22Page - ams AG AS3930 Datasheet HTML 23Page - ams AG AS3930 Datasheet HTML 24Page - ams AG AS3930 Datasheet HTML 25Page - ams AG AS3930 Datasheet HTML 26Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
www.ams.com/LF-Receiver/AS3930
Revision 1.5
22 - 32
AS3930
Datasheet - Detailed Descr i p ti on
8.6 Wake-up Protocol - Carrier Frequency 125 kHz
8.6.1 Without Pattern Detection
Figure 17. Wake-up Protocol Overview without Pattern Detection (only carrier frequency detection)
In case the data correlation is disabled (R1<1>=0), the AS3930 wakes up upon detection of the carrier frequency only, as shown in Figure 17. In
order to ensure that AS3930 wakes up, the carrier burst has to last longer than 550 µs. There are two possibilities to set AS3930 back to
listening mode: either the microcontroller sends the direct command clear_wake via SDI, or the time out option is used (R7<7:5>). In case the
latter is chosen, then the AS3930 is automatically set to listening mode after the time defined in T_OUT (R7<7:5>), counting starts at the low-to-
high WAKE edge on the WAKE pin.
Carrier Burst
Data
Carrier Burst > 550 us
WAKE
Clear_wake
DAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32