データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS3953 データシート(PDF) 25 Page - ams AG

部品番号 AS3953
部品情報  14443 High Speed Passive Tag Interface
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS3953 データシート(HTML) 25 Page - ams AG

Back Button AS3953 Datasheet HTML 21Page - ams AG AS3953 Datasheet HTML 22Page - ams AG AS3953 Datasheet HTML 23Page - ams AG AS3953 Datasheet HTML 24Page - ams AG AS3953 Datasheet HTML 25Page - ams AG AS3953 Datasheet HTML 26Page - ams AG AS3953 Datasheet HTML 27Page - ams AG AS3953 Datasheet HTML 28Page - ams AG AS3953 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
www.ams.com
Revision 1.0
25 - 42
AS3953
Datasheet - A pp l ic a t io n I n f or m a t i on
EEPROM Read. In order to read data from EEPROM first a mode byte is sent, followed by the word address byte (MSB first). Then one or
more words of data with address auto incrementing (packets of 4 bytes) are transferred to MISO output, always from the MSB to the LSB. MOSI
is sampled at the falling edge of SCLK; data to be read from the AS3953 EEPROM is driven to MISO pin on rising edge of SCLK and is sampled
by the master at the falling edge of SCLK. In case the word on defined address does not exist all ‘0’ data is sent to MISO.
Please note that SCLK frequency should not exceed 1MHz during EEPROM Read (limited by EEPROM read access time).
Figure 10. Reading of EEPROM Page
8.1.4 Loading Transmitting Data into FIFO
Loading the transmitting data into the FIFO is similar to writing data into an addressable registers. Difference is that in case of loading more bytes
all bytes go to the FIFO. The command mode code 10 indicates FIFO operations. In case of loading transmitting data into FIFO all bits
<C5 –
C0> are set to ‘0’. Then a bit-stream, the data to be sent (1 to 32 bytes), can be transferred.
Figure 11 shows how to load the Transmitting data into the FIFO.
Figure 11. Loading of FIFO
8.1.5 Reading Received Data from FIFO
Reading received data from the FIFO is similar to reading data from an addressable registers. Difference is that in case of reading more bytes
they all come from the FIFO. The command mode code 10 indicates FIFO operations. In case of reading the received data from the FIFO all bits
<C5 – C0> are set to ‘1’. On the following SCLK rising edges the data from FIFO appears as in case of read data from addressable registers. In
case the command is terminated by putting /SS high before a packet of 8 bits composing one byte is read that particular byte is considered read.
01 11 1 1 1 1
W
A
4
W
A
3
W
A
2
W
A
1
W
A
0
x
W
A
6
W
A
5
X
MSB Byte from
Address
<WA6-WA0>
/SS
SCLK
MOSI
X
B
2
9
B
2
8
B
2
7
B
2
6
B
2
5
B
2
4
B
3
1
B
3
0
B
2
3
B
2
2
B
5
B
4
B
3
B
2
B
1
B
0
B
7
B
6
B
9
B
8
XX
LSB Byte from
Address
<WA6-WA0>
X
MISO
1µs min
/SS
SCLK
MOSI
1
0000
0
0
0
1 to 32
bytes
X
SCLK rising
edge Data is
transfered
from µC
SCLK falling
edge Data is
sampled
/SS rising edge
signals end of
COMMAND Mode
10 pattern
indicates FIFO
mode
X
Start of
payload Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42