| データシートサーチシステム |
|
CRCW0805562RF0EB データシート(PDF) 1 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW0805562RF0EB データシート(HTML) 1 Page - Vishay Siliconix |
|
1 / 8 page ![]() Document Number: 20035 For technical questions, contact: thickfilmchip@vishay.com www.vishay.com Revision: 04-Jun-12 125 D/CRCW e3 Vishay Standard Thick Film Chip Resistors THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 FEATURES Stability R/R = 1 % for 1000 h at 70 ° C 2 mm pitch packaging option for 0603 size Pure tin solder contacts on Ni barrier layer provides compatibility with lead (Pb)-free and lead containing soldering processes Metal glaze on high quality ceramic AEC-Q200 qualified Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 Notes These resistors do not feature a limited lifetime when operated within the permissible limits. However, resistance value drift increasing over operating time may result in exceeding a limit acceptable to the specific application, thereby establishing a functional lifetime. Marking: See data sheet “Surface Mount Resistor Marking” (document number 20020). Power rating depends on the max. temperature at the solder point, the component placement density and the substrate material. STANDARD ELECTRICAL SPECIFICATIONS MODEL SIZE RATED DISSIPATION P70 °C W LIMITING ELEMENT VOLTAGE Umax. AC/DC TEMPERATURE COEFFICIENT ppm/K TOLERANCE % RESISTANCE RANGE SERIES INCH METRIC D10/CRCW0402 0402 RR 1005M 0.063 50 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 1.5 A D11/CRCW0603 0603 RR 1608M 0.10 75 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.0 A D12/CRCW0805 0805 RR 2012M 0.125 150 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 2.5 A D25/CRCW1206 1206 RR 3216M 0.25 200 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 3.5 A CRCW1210 1210 RR 3225M 0.5 200 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 5.0 A CRCW1218 1218 RR 3246M 1.0 200 ± 100 ± 200 ± 1 ± 5 1R0 to 2M2 E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A CRCW2010 2010 RR 5025M 0.75 400 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 6.0 A CRCW2512 2512 RR 6332M 1.0 500 ± 100 ± 200 ± 1 ± 5 1R0 to 10M E24; E96 E24 Zero-Ohm-Resistor: Rmax. = 20 m, Imax. at 70 °C = 7.0 A |
同様の部品番号 - CRCW0805562RF0EB |
|
同様の説明 - CRCW0805562RF0EB |