| データシートサーチシステム |
|
AS5048A-HTSP データシート(PDF) 11 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS5048A-HTSP データシート(HTML) 11 Page - ams AG |
|
11 / 30 page ![]() Revision 1.3 www.a ustriamicrosystems.com Page 10 of 2 9 AS5048A/AS5048B Magnetic Rotary Encoder 14-bit Angular Position Sensor Datasheet 4.2 SPI Interface The 16 bit SPI Interface enables read / write access to the register blocks and is compatible to a standard micro controller interface. The SPI is active as soon as CSn is pulled low. The AS5048A then reads the digital value on the MOSI(master out slave in) input with every falling edge of CLK and writes on its MISO (master in slave out) output with the rising edge. After 16 clock cycles CSn has to be set back to a high status in order to reset some parts of the interface core. 4.2.1 SPI Interface Signals (4-Wire Mode, Wire_mode = 1) The AS5048A only supports slave operation mode. Therefore CLK for the communication as well as the CSn signal has to be provided by the test equipment. The following picture shows a basic interconnection diagram with one master and an AS5048A device and a principle schematic of the interface core. Figure 3 SPI Connection AS5 048A with uC Because the interface has to decode the sent command before it can react and provide data the response of the chip to a specific command applied at a time T can be accessed in the next transmission cycle ending at T + TCOM. The data are sent and read with MSB first. Every time the chip is accessed it is sending and receiving data. Figure 4 SPI Comm and/Re sponse Data Flow |