データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS5262 データシート(PDF) 27 Page - ams AG

部品番号 AS5262
部品情報  12-Bit Magnetic Angle Position Sensor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS5262 データシート(HTML) 27 Page - ams AG

Back Button AS5262 Datasheet HTML 23Page - ams AG AS5262 Datasheet HTML 24Page - ams AG AS5262 Datasheet HTML 25Page - ams AG AS5262 Datasheet HTML 26Page - ams AG AS5262 Datasheet HTML 27Page - ams AG AS5262 Datasheet HTML 28Page - ams AG AS5262 Datasheet HTML 29Page - ams AG AS5262 Datasheet HTML 30Page - ams AG AS5262 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
AS5262
Datasheet - Application In form atio n
www.ams.com
Revision 1.1
26 - 36
DATA2 (0x02)
6
QUADEN<0>
0
Quadrant Mode Enable
00=1quadrant;01=2quadrants;
10=3 quadrants;11=4 quadrants
7
QUADEN<1>
0
DATA1 (0x01)
0
AIRGAPSEL
0
Magnetic input range extension
0:extended range;1=normal range
1
HYSTSEL<0>
0
Hysteresis selection
00=no hysteresis; 01: 56LSB;
10=91LSB; 11=137LSB
2
HYSTSEL<1>
0
3
FILTERCFG<0>
0
Filter Configuration
00=no filter; 01= fast;
10=moderate; 11=slow
4
FILTERCFG<1>
0
5
Not used
0
6
Not used
0
7
Not used
0
DATA0 (0x00)
0RED_ADD<0>
0
Redundancy Address
Identify the address of the byte
containing the bit to be changed
1RED_ADD<1>
0
2RED_ADD<2>
0
3RED_ADD<3>
0
4RED_BIT<0>
0
Redundancy Bit
Identify the position of the bit to be
changed in the byte at the address
RED_ADD<3:0>
5RED_BIT<1>
0
6RED_BIT<2>
0
7
CUST_LOCK
0
Lock bit for Customer Area
Table 14. OTP Memory Map
Data Byte
Bit Number
Symbol
Default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37