データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8220 データシート(PDF) 27 Page - ams AG

部品番号 AS8220
部品情報  FlexRay Basis Transceiver
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8220 データシート(HTML) 27 Page - ams AG

Back Button AS8220 Datasheet HTML 23Page - ams AG AS8220 Datasheet HTML 24Page - ams AG AS8220 Datasheet HTML 25Page - ams AG AS8220 Datasheet HTML 26Page - ams AG AS8220 Datasheet HTML 27Page - ams AG AS8220 Datasheet HTML 28Page - ams AG AS8220 Datasheet HTML 29Page - ams AG AS8220 Datasheet HTML 30Page - ams AG AS8220 Datasheet HTML 31Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
www.austriamicrosystems.com
Revision 17920-001-10a
26 - 33
AS8220A
Objective Data Sheet - Appendix
VBUS_DIFF
Matching between Data0 and Data1
differential bus voltage in NORMAL
mode
--
VBUS_COM_D0
Common mode bus voltage in case of
Data0 in NORMAL mode
--
VBUS_COM_D1
Common mode bus voltage in case of
Data1 in NORMAL mode
--
VBUS_COM
Matching between Data0 and Data1
common mode voltage
--
VBUS_DIFF_Idle
Absolute differential bus voltage in
idle mode
uBDTxidle
Absolute value of uBus, while Idle
IBPBMShortMax
IBMBPShortMax
Absolute max current when BP is
shorted to BM
IBPBMShortMax
IBMBPShortMax
Absolute maximum output current
when BP shorted to BM
IBPGNDShortMax
Absolute max current when BP is
shorted to GND
IBPGNDShortMax
Absolute maximum output current
when shorted to GND
IBMGNDShortMax
Absolute max current when BM is
shorted to GND
IBMGNDShortMax
Absolute maximum output current
when shorted to GND
IBP-5VShortMax
Absolute max current when BP is
shorted to -5 V
IBP-5VShortMax
Absolute maximum output current
when shorted to -5V
IBM-5VShortMax
Absolute max current when BM is
shorted to -5 V
IBM-5VShortMax
A Absolute maximum output current
when shorted to -5V
IBP27VShortMax
Absolute max current when BP is
shorted to 27 V
IBPBAT27VShortMax
Absolute maximum output current
when shorted to 27V
IBM27VShortMax
Absolute max current when BM is
shorted to 27 V
IBMBAT27VShortMax
Absolute maximum output current
when shorted to 27V
IBP48VShortMax
Absolute max current when BP is
shorted to 48 V
IBPBAT48VShortMax
Absolute maximum output current
when shorted to 48V
IBM48VShortMax
Absolute max current when BM is
shorted to 48 V
IBMBAT48VShortMax
Absolute maximum output current
when shorted to 48V
tTxD_BUS01
Delay time from TxD to BUS positive
edge
dBDTx10
Transmitter delay, negative edge
tTxD_BUS10
Delay time from TxD to BUS negative
edge
dBDTx01
Transmitter delay, positive edge
tTxD_MISMATCH
Delay time from TxD to BUS
mismatch
dTxAsym
Transmitter delay mismatch
| dBDTx10 - dBDTx01 |
tBUS_10
Fall time differential bus voltage
dBusTx10
Fall time differential bus voltage
(80%
→ 20%)
tBUS_01
Rise time differential bus voltage
dBusTx01
Rise time differential bus voltage
(20%
→ 80%)
Table 10. Comparison table
AS8220A Datasheet
FlexRay
Electrical Physical Layer Specification V2.1 RevB
Symbol
Parameter
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34