データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AS8506 データシート(PDF) 72 Page - ams AG

部品番号 AS8506
部品情報  Battery Cell Monitor and Balancer IC
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

AS8506 データシート(HTML) 72 Page - ams AG

Back Button AS8506 Datasheet HTML 68Page - ams AG AS8506 Datasheet HTML 69Page - ams AG AS8506 Datasheet HTML 70Page - ams AG AS8506 Datasheet HTML 71Page - ams AG AS8506 Datasheet HTML 72Page - ams AG AS8506 Datasheet HTML 73Page - ams AG AS8506 Datasheet HTML 74Page - ams AG AS8506 Datasheet HTML 75Page - ams AG AS8506 Datasheet HTML 76Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 89 page
background image
AS8506 – 72
ams Datasheet, Confidential:2013-Sep [1-00]
Devic e I n te r f ac e
Figure 89:
Feature Selection Register 1
Address
Register Name
Features and Bit Description
SPI4
SPI3
POR
Value
0x2A
feat_sel_reg_1
Feature selection register1.
R/W
R/W
0000_0000
POR_VSUP
D0
1
→ Zero cross
detection enable
D2:D1
Zero cross detection
filter setting
00
→ 8μs
01
→ 6μs
10
→ 4μs
11
→ 2μs
D3
Reserved
D4
1
→ External resistor
divider enable
D5
0
→ Cell reference is
generated from DAC
1
→ Cell reference is
supplied externally on
VREF_IN pin
D6
0
→ Cell Lower/Higher
limit is generated from
DAC
1
→ Cell Lower/Higher
limit is supplied
externally on CELL_THL
and CELL_THU pins
D7
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89