| データシートサーチシステム |
|
DP83848MPHPREP データシート(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
DP83848MPHPREP データシート(HTML) 27 Page - Texas Instruments |
|
27 / 92 page ![]() RX_CLK RXD[0] RX_DV Valid data T2.14.2 T2.14.1 T2.14.1 TX_CLK TXD[0] TX_EN Valid data T2.13.1 T2.13.2 T2.13.3 T2.13.4 DP83848-EP www.ti.com SLLSEC6D – SEPTEMBER 2012 – REVISED JUNE 2013 3.5.13 10 Mb/s Serial Mode Transmit Timing Figure 3-14. 10 Mb/s Serial Mode Transmit Timing xxx PARAMETER DESCRIPTION NOTES MIN TYP MAX UNIT T2.13.1 TX_CLK High Time 10 Mb/s Serial mode 20 25 30 ns T2.13.2 TX_CLK Low Time 10 Mb/s Serial mode 70 75 80 ns T2.13.3 TXD_0, TX_EN Data Setup to 10 Mb/s Serial mode 24.70 ns TX_CLK rise T2.13.4 TXD_0, TX_EN Data Hold from 10 Mb/s Serial mode 0 ns TX_CLK rise 3.5.14 10 Mb/s Serial Mode Receive Timing Figure 3-15. 10 Mb/s Serial Mode Receive Timing xxx PARAMETER DESCRIPTION NOTES(1) MIN TYP MAX UNIT T2.14.1 RX_CLK High/Low Time 35 50 65 ns T2.14.2 RX_CLK fall to RXD_0, RX_DV 10 Mb/s Serial mode -10 10 ns Delay (1) RX_CLK may be held high for a longer period of time during transition between reference and recovered clocks. Minimum high and low times will not be violated. Copyright © 2012–2013, Texas Instruments Incorporated ELECTRICAL SPECIFICATIONS 27 Submit Documentation Feedback Product Folder Links: DP83848-EP |