データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TSL257T データシート(PDF) 10 Page - ams AG

部品番号 TSL257T
部品情報  HIGH-SENSITIVITY LIGHT-TO-VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AMSCO [ams AG]
ホームページ  http://www.ams.com
Logo AMSCO - ams AG

TSL257T データシート(HTML) 10 Page - ams AG

Back Button TSL257T Datasheet HTML 3Page - ams AG TSL257T Datasheet HTML 4Page - ams AG TSL257T Datasheet HTML 5Page - ams AG TSL257T Datasheet HTML 6Page - ams AG TSL257T Datasheet HTML 7Page - ams AG TSL257T Datasheet HTML 8Page - ams AG TSL257T Datasheet HTML 9Page - ams AG TSL257T Datasheet HTML 10Page - ams AG TSL257T Datasheet HTML 11Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
TSL257T
HIGH-SENSITIVITY
LIGHT-TO-VOLTAGE CONVERTER
TAOS065B − APRIL 2007
9
The LUMENOLOGY r Company
r
r
Copyright E 2007, TAOS Inc.
www.taosinc.com
MANUFACTURING INFORMATION
Moisture Sensitivity
Optical characteristics of the device can be adversely affected during the soldering process by the release and
vaporization of moisture that has been previously absorbed into the package molding compound. To ensure the
package molding compound contains the smallest amount of absorbed moisture possible, each device is
dry−baked prior to being packed for shipping. Devices are packed in a sealed aluminized envelope with silica
gel to protect them from ambient moisture during shipping, handling, and storage before use.
This package has been assigned a moisture sensitivity level of MSL 3 and the devices should be stored under
the following conditions:
Temperature Range
5°C to 50°C
Relative Humidity
60% maximum
Total Time
6 months from the date code on the aluminized envelope — if unopened
Opened Time
168 hours or fewer
Rebaking will be required if the devices have been stored unopened for more than 6 months or if the aluminized
envelope has been open for more than 168 hours. If rebaking is required, it should be done at 90°C for 4 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL



ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   データシートへのリンク    |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com